Part Number Hot Search : 
MOC3052 FQP6N50 SM5623NF 1605000 TS1872 30402 PA190 OZ964G
Product Description
Full Text Search
 

To Download DACSB40060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings www.dacosemi.com.tw features t)jhitvshfdvssfoudbqbcmf t;fspsfwfstfsfdpwfszdvssfou t)jhicboexjeui - 1 - sic schottky diode type 2 200a daco semiconductor co., ltd. DACSB40060CT -55 to +175 operating junction temperature : +175 -55 to storage temperature : ? 'fc part number maximum recurrent peak reverse voltage 600v DACSB40060CT 600v maximum dc blocking voltage benefits applications t.pupsesjwft t4xjudinpefqpxfstvqqmjft t&wdibshfst t4pmbsjowfsufst t8fmejohfrvjqnfou t6ojqpmbssfduj?fs t;fsptxjudijohmptt t)jhifsfdjfodz i f,max v rrm v n-m mounting torque m6 screw 3~4.7 repetitive peak reverse voltage t j =25 c 600 non-repetitive peak forward current (per leg) t c =25 c, t p =10 + s 5600 surge non-repetitive forward current sine halfwave (per leg) i fsm t c =25 c, t p =8.3 ms 1400 t c =150 c, t p =8.3 ms 875 maximum rating symbol conditions value unit continuous forward current i f t c =135 c 200 a t5fnqfsbuvsf*oefqfoefou4xjudijoh#fibwjps t7%$7 t* f ? t c <135c ?  " t4nbmmfsifbutjol t1pxfsgbdupsdpssfdujpo t%jpeftovccfs t"vupnpujwf tjoevdujpoifbujoh (per leg) t c =150 c, t p =10 + s 3500 %jnfotjpot jo mm (1 mm = 
lug teminal anode 1 baseplate common cathode lug teminal anode 2 3  ? parallel devices without thermal runaway
www.dacosemi.com.tw - 2 - daco semiconductor co., ltd. ? feb 2016 min. typ. max. v dc 600 - - -1.451.65 - 1.70 2.00 - 30 200 - 200 1,000 reverse current i r v r =600v, t j =25 c v r =600v, t j =175 c dc blocking voltage v diode forward voltage v f i f =200a, t j =25 c i f =200a, t j =175 c electrical characteristics , at t j =25 c, unless otherwise specified. (per leg) static characteristics symbol conditions values unit DACSB40060CT + a q rr - 698 - nc - 12,580 - - 1,250 - - 1,170 - r ' jc 0.07 o c/w pf v r =200v, f=1 mhz v r =400v, f=1 mhz thermal characteristics (per leg) thermal resistance from junction to case total capacitive charge v r =400v, t j =25 c total capacitance c v r =0v, f=1 mhz ac characteristics (per leg) typ. static characteristics symbol values unit min. typ. max. static characteristics symbol conditions values unit t j =25 c t j =25 c t j =25 c
www.dacosemi.com.tw - 3 - daco semiconductor co., ltd. ? forward characteristics (parameterized on t j ) reverse characteristics (parameterized on tj) current derating 0 0.01 0.1 1.0 020406080100 i r (ma) volts (%) - 40 80 120 160 200 25 75 125 175 i f (a) t c ( c) typical performance capacitance recovery charge 0 3,145 6,290 9,435 12,580 15,725 0 1 10 100 1000 c (pf) v r (v) 0 80 160 240 320 400 480 0 50 100 150 200 250 300 350 400 q rr (nc) v r (v) feb 2016 DACSB40060CT t j =25 c 720 640 560 10 30 50 70 90 25c 175c 75c 125c 240 280 single phase,half wave 60hz res istive or inductive load forward surge current i fsm (a) cycles numder of cycles at 60hz - cycles - 280 560 840 1120 1400 1 10 100 1680 8.3ms single half sine wave jedec method t j =25 c 0 30 60 90 120 150 180 0.0 0.4 0.8 1.2 1.6 2.0 i f (a) v f (v) 240 t j =25 c 175c 125c 75c 25c 210 800


▲Up To Search▲   

 
Price & Availability of DACSB40060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X